PART |
Description |
Maker |
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
DLTS-8CA DLTS-12 DLTS-12A DLTS-13C DLTS-13CA DLTS- |
Panel-Style LED Lamp,Yellow,Diffused,Lmp-2 RoHS Compliant: Yes SOLDER SHELLS FOR 50-POSITION MALE D-SUBMINIATURE CONNECTORS, PACKAGE OF 10 Transient Voltage Suppressor DATA LINE TRANSIENT SUPPRESSOR 500 W, UNIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE DATA LINE TRANSIENT SUPPRESSOR 500 W, BIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
SMF10A-GS08 SMF15A-GS08 SMF15A-GS18 SMF12A-M-18 SM |
Surface Mount ESD Protection Diodes DIODE 1000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-219AB, ROHS COMPLIANT, PLASTIC, SMF, 2 PIN, Transient Suppressor DIODE 1000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-219AB, HALOGEN FREE AND ROHS COMPLIANT PACKAGE-2, Transient Suppressor
|
Vishay Siliconix Vishay Semiconductors
|
ATV30C100J-HF ATV30C100JB-HF ATV30C101J-HF ATV30C1 |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=9V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=85V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=8.5V, Tolerance=5%
|
Comchip Technology
|
5KP10 5KP100 5KP10A 5KP100A 5KP36 5KP8.5A 5KP30 5K |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,000.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
Shanghai Sunrise Electronics GE Security, Inc. General Semiconductor
|
SMBJ13C SMBJ50C SMBJ78C SMBJ70C SMBJ78CA SMBJ7.0C |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR High Speed CMOS Logic Octal Inverting Transparent Latch with 3-State Outputs 20-CDIP -55 to 125 BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 双向瞬态电压抑制器 8-Input Multiplexer 16-CDIP -55 to 125 双向瞬态电压抑制器 Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
|
EIC discrete Semiconduc... Jinan Gude Electronic Device EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited Micro Commercial Components
|
TVJ10B100J-HF TVJ10B110J-HF TVJ10B110JB-HF TVJ10B1 |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=10V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=11V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=13V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=15V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=18V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=22V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=24V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=16V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=20V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=1000Watts, V-RWM=28V, Tolerance=5%
|
Comchip Technology
|
5KP58CA-G 5KP80A-G 5KP80CA-G 5KP350A-G 5KP350CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=64V, Tolerance=5%
|
Comchip Technology
|
1PMT18AT1G 1PMT51AT1G 1PMT58AT1G 1PMT22AT1G 1PMT30 |
Zener Transient Voltage Suppressor POWERMITE Package 齐纳瞬态电压抑制器POWERMITE Zener Transient Voltage Suppressor POWERMITE Package 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-216AA Zener Transient Voltage Suppressor POWERMITE Package 1000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-216AA
|
ON Semiconductor
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
MP6KE30A MP6KE36A MP6KE33A MP6KE130A MP6KE120A MP6 |
600W Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600W Transient Voltage Suppressor
|
Microsemi Corporation http:// MICROSEMI CORP-IRELAND
|
CD214B-T60A CD214B-T6.0A CD214B-T8.5CA CD214B-T90A |
CD214B Transient Voltage Suppressor Diode Series 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA CD214B Transient Voltage Suppressor Diode Series 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Bourns Inc. Bourns, Inc.
|
|